Part Number Hot Search : 
RD6180 SCBAR6 P6KE68C 4050B M63015FP GBU8A BC856F LM9848
Product Description
Full Text Search
 

To Download MASW-009482 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-009482
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
Features
* * * * * * * * CDMA Handset Switching Applications Balanced (symmetrical) RF Ports Low Cross Modulation Low Insertion Loss: 0.55 dB @ 1 GHz High Isolation: 27 dB @ 1 GHz High Power: P0.1dB = 36 dBm @ 1 GHz 0.5 micron GaAs pHEMT Process Lead-Free 2 mm 12-Lead STQFN package with 0.5 mm lead pitch * Halogen-Free "Green" Mold Compound * RoHS* Compliant and 260C Reflow Compatible Rev. V1
Functional Schematic
Description
The MASW-009482 is an industry leading GaAs pHEMT MMIC single pole three throw (SP3T) switch in a lead-free 2 mm 12-lead STQFN package with 0.5 mm lead pitch. The MASW-009482 is uniquely configured to enable switching from a common antenna port to CDMA Cellular, PCS, or AWS ports. It is also ideal for other applications where a compact, high performance, symmetrical SP3T switch is required. The design is symmetric and has been fully optimized for excellent cross modulation performance in all three paths while still maintaining excellent insertion loss and isolation. The symmetrical design allows the user to assign CDMA Cellular, PCS and AWS to ports RF1, RF2 or RF3 as required to optimize the layout. The MASW-009482 is fabricated using a 0.5 micron gate length GaAs pHEMT process. The process features full passivation for performance and reliability.
Pin Configuration 3
Pin No. 1 2 3 4 5 6 7 8 9 10 11 Function V3 RF3 GND GND RF2 V2 GND RF1 V1 GND RFC GND GND (paddle) Description Control 3 RF Port 3 Ground Ground RF Port 2 Control 2 Ground RF Port 1 Control 1 Ground RF Common Ground Ground
Ordering Information
Part Number MASW-009482-TR3000 MASW-009482-001SMB
1,2
12 Package 3000 piece reel 13
Sample Board 0.05 - 4.0 GHz Tuning
3. All package ground pins (P3,4,7,10, 12) and paddle ground are no connection (N/C) electrically to the internal die. M/ACOM recommends connecting all ground connections to PCB ground to ensure a good thermal path.
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-009482
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
Parameter Insertion Loss (All Paths) Test Conditions 1.0 GHz 2.0 GHz 2.5 GHz 1.0 GHz 2.0 GHz 2.5 GHz DC - 2.5 GHz Two Tone, +23 dBm/tone, 5 MHz Spacing, 1 GHz Two Tone, +23 dBm/tone, 5 MHz Spacing, 2 GHz For Cell Band: Two-tone signal input: TX1 = +22 dBm @ 820 MHz, TX2 = +22 dBm @ 821 MHz, RX interferer = -23 dBm @ 865 MHz5 For PCS Band: Two-tone signal input: TX1 = +18 dBm @ 1880 MHz, TX2 = +18 dBm @ 1881 MHz, RX interferer = -23 dBm @ 1960 MHz5 Fin = 1 GHz, Pin = +26 dBm Fin = 2 GHz, Pin = +26 dBm Fin = 1 GHz, Pin = +26 dBm Fin = 2 GHz, Pin = +26 dBm VC = 0 V/2.7 V, 1 GHz 10% to 90% RF, 90% to 10% RF, 900 MHz 50% control to 90% RF, and 50% control to 10% RF, 900 MHz In Band VC = 0 V/2.7 V Units dB dB dB dB dB dB dB dBm dBm dBm Min. -- -- -- 23 17 16 -- -- -- -- Typ. 0.55 0.75 0.75 27 21 20 20 65 64 -108
Rev. V1
Electrical Specifications: TA = 25C, Z0 = 50 , VC = 0 V / 2.7 V, 1000 pF Capacitors 4
Max. 0.7 0.9 0.9 -- -- -- -- -- -- --
Isolation Return Loss (All RF ports) Input IP3
Cross Modulation
dBm
-- -- -- -- -- -- -- -- -- --
-109 82 83 84 74 36 45 70 40 6
-- -- -- -- -- -- -- -- -- 25
2nd Harmonic 3rd Harmonic Input P0.1dB Trise, Tfall Ton, Toff Transients Control Current
dBc dBc dBm ns ns mV A
4. External DC blocking capacitors are required on all RF ports. Typical performance specifications are with 1000 pF blocking and decoupling capacitors / as shown on the application schematic . 5. RX Interferer power set to -10 dBm during test to improve dynamic range of measurement system. Typical performance with -23 dBm interferer is determined by using a linear relationship between interferer power level and cross modulation products.
Absolute Maximum Ratings 6,7
Parameter Input Power (0.5 - 4.0 GHz, 2.6 V Control) Control Voltage Operating Temperature Storage Temperature Absolute Maximum +36 dBm 8.5 volts -40C to +85C -65C to +150C
Truth Table 8,9
V1 1 0 0 V2 0 1 0 V3 0 0 1 ANT-RF1 ANT-RF2 ANT-RF3 On Off Off Off On Off Off Off On
6. Exceeding any one or combination of these limits may cause permanent damage to this device. 7. M/A-COM Technology does not recommend sustained operation near these survivability limits. 2
8. Differential voltage, V (state 1) -V (state 0) must be 2.6 V minimum and must not exceed 8.5 V. 9. Positive Control: 1 = +2.6 V to +8.0 V, 0 = 0 V +/- 0.2V Negative Control: 1 = 0 V +/- 0.2V, 0 = -2.6 V to -8.0 V
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-009482
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
Typical Performance Curves: Z0 = 50 , 1000 pF Blocking and decoupling caps, VCTL = 0/+2.7 VDC
Insertion Loss
0.0
Rev. V1
Isolation
0 -10
-0.5 -20 -1.0
+25C -40C +85C
-30 -40 -50
+25C -40C +85C
-1.5
-2.0 0 1 2 3 4 5
-60 0 1 2 3 4 5
Frequency (GHz)
Frequency (GHz)
Input Return Loss
0
Input IP2 and IP3
120 110
IIP3 IIP2
-10 100 -20 90 80
+25C -40C +85C
-30
70 60 50 0.5
-40
-50 0 1 2 3 4 5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
Frequency (GHz)
Input P0.1dB Compression
40 39 38 37 36 35 34 0.5
Harmonics
100 95 90 85 80 75 70 65 60 0.5
2nd Harmonic 3rd Harmonic
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
Frequency (GHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-009482
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
Typical Performance Curves vs. Control Voltage: Z0 = 50 , 1000 pF Blocking and decoupling caps
Input IP3 vs. Control Voltage
80 75 70 65 60 55 50 2.0
1.0 GHz 1.9 GHz 2.5 GHz 3.5 GHz
Rev. V1
Input IP2 vs. Control Voltage
120 115 110 105 100 95 90 2.0
1.0 GHz 1.9 GHz 2.5 GHz 3.5 GHz
2.5
3.0
3.5
4.0
4.5
5.0
2.5
3.0
3.5
4.0
4.5
5.0
Control Voltage (Vdc)
Control Voltage (Vdc)
2nd Harmonic vs. Control Voltage
95 90 85 80 75 70 65 60 55 2.0
1.0 GHz 1.9 GHz 2.5 GHz 3.5 GHz
3rd Harmonic vs. Control Voltage
95 90 85 80 75 70 65 60 55 2.0
1.0 GHz 1.9 GHz 2.5 GHz 3.5 GHz
2.5
3.0
3.5
4.0
4.5
5.0
2.5
3.0
3.5
4.0
4.5
5.0
Control Voltage (Vdc)
Control Voltage (Vdc)
Input P0.1dB vs. Control Voltage
42 40 38 36 34 32 30 28 2.0
1.0 GHz 1.9 GHz 2.5 GHz 3.5 GHz
2.5
3.0
3.5
4.0
4.5
5.0
Control Voltage (Vdc)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-009482
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
Application Schematic 10,11 Qualification
Qualified to M/A-COM specification REL-201, Process Flow -2. Rev. V1
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
10. The exposed pad centered on the package bottom must be connected to ground to ensure a good thermal path. 11. All blocking and decoupling capacitors = 1000 pF
Lead-Free 2mm STQFN-12LD-0.5 mm Pitch
NOTE: ALL DIMENSIONS SHOWN AS in/mm.
Reference Application Note S2083 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements. Plating is 100% matte tin over copper.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-009482
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
Applications Section: Tri-Mode Mobile Phone Performance Typical Electrical Performance: TA = 25C, Z0 = 50, VC = 0V/2.6V, 1000pF Capacitors 1
Parameter Insertion Loss (All Paths) Test Conditions 824 - 894 MHz (CELL) 1710 - 1755 MHz (AWS) 1850 - 1990 MHz (PCS) 824 - 894 MHz (CELL) 1710 - 1755 MHz (AWS) 1850 - 1990 MHz (PCS) DC - 2.5 GHz Two Tone, +23 dBm/tone, 1 MHz Spacing, 894 MHz Two Tone, +23 dBm/tone, 1 MHz Spacing, 1755 MHz Two Tone, +23 dBm/tone, 1 MHz Spacing, 1990 MHz For Cell Band: Two-tone signal input: TX1 = +22 dBm @ 820 MHz, TX2 = +22 dBm @ 821 MHz, RX interferer = -23 dBm @ 865 MHz2 For PCS Band: Two-tone signal input: TX1 = +18 dBm @ 1880 MHz, TX2 = +18 dBm @ 1881 MHz, RX interferer = -23 dBm @ 1960 MHz2 Fin = 894 MHz, Pin = +25.5 dBm Fin = 1755 MHz, Pin = +25.0 dBm Fin = 1990 MHz, Pin = +24.0 dBm Fin = 894 MHz, Pin = +25.5 dBm Fin = 1755 MHz, Pin = +25.0 dBm Fin = 1990 MHz, Pin = +24.0 dBm Fin = 894 MHz Fin = 1755 MHz Fin = 1990 MHz 10% to 90% RF, 90% to 10% RF, 900 MHz 50% control to 90% RF, and 50% control to 10% RF, 900 MHz In Band VC = 0 V/2.6 V Units dB dB dB dB dB dB dB dBm dBm dBm dBm Min. -- -- -- -- -- -- -- -- -- Typ. 0.55 0.65 0.75 27 23 22 20 68 65 67 -105 Max. -- -- -- -- -- -- -- -- --
Rev. V1
Isolation Return Loss (All RF ports) Input IP3
--
--
Cross Modulation
dBm dBc dBc dBc dBc dBc dBc dBm dBm dBm ns ns mV A
--
-103 81 81 85 82 81 91 34.5 36.0 35.5 45 70 40 6
--
2nd Harmonic
-- -- -- --
-- -- -- --
3rd Harmonic
Input P0.1dB Trise, Tfall Ton, Toff Transients Control Current
-- -- -- -- --
-- -- -- -- --
1. External DC blocking capacitors are required on all RF ports. Typical performance specifications are with 1000 pF blocking and decoupling capacitors / as shown on the application schematic . 2. RX Interferer power set to -10 dBm during test to improve dynamic range of measurement system. Typical performance with -23 dBm interferer is determined by using a linear relationship between interferer power level and cross modulation products.
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-009482
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
Applications Section - Tri-Mode Mobile Phone Performance Typical Performance Curves: TA = 25C, Z0 = 50, VC = 0V/2.6V, 1000pF Capacitors
Insertion Loss
0.0
CELL AWS PCS
Rev. V1
Isolation
0
CELL AWS PCS
-10
-0.5
-20
-1.0
-30
-1.5
+25C -40C +85C
-40
+25C -40C +85C
-2.0 0.50
1.0
1.5
2.0
2.5
-50 0.50
1.0
1.5
2.0
2.5
Frequency (GHz)
Frequency (GHz)
Input Return Loss
0
CELL AWS PCS
Input IP2 and IP3
120
IP2 IP3
-10
100 80
-20
60
-30
40
-40
+25C -40C +85C
20 0
-50 0.50
1.0
1.5
2.0
2.5
Cell (894 MHz)
AWS (1755 MHz) PCS (1990 MHz)
Frequency (GHz)
Input P0.1dB Compression
37 36 35 34 33 32 31 30
Cell (894 MHz) AWS (1755 MHz) PCS (1990 MHz)
Harmonics
95 90 85 80 75 70 65 60
Cell (894 MHz) AWS (1755 MHz) PCS (1990 MHz) 2nd Harmonic 3rd Harmonic
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-009482

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X